| データシートサーチシステム |
|
H8SX1663 データシート(PDF) 831 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 データシート(HTML) 831 Page - Renesas Technology Corp |
|
831 / 1158 page ![]() Section 16 USB Function Module (USB) Rev.1.00 Jun. 07, 2006 Page 779 of 1102 REJ09B0294-0100 • EPIR01 Bit Bit Name Initial Value R/W Description 7, 6 D7, D6 Undefined W Endpoint Alternate Number [Possible setting range] 0 or 1 5, 4 D5, D4 Undefined W Endpoint Transmission [Possible setting range] 0: Control 1: Setting prohibited 2: Bulk 3: Interrupt 3 D3 Undefined W Endpoint Transmission Direction [Possible setting range] 0: Out 1: In 2 to 0 D2 to D0 Undefined W Reserved [Possible setting range] Fixed to 0. • EPIR02 Bit Bit Name Initial Value R/W Description 7 to 1 D7 to D1 Undefined W Endpoint Maximum Packet Size [Possible setting range] 0 to 64 0 D0 Undefined W Reserved [Possible setting range] Fixed to 0. • EPIR03 Bit Bit Name Initial Value R/W Description 7 to 0 D7 to D0 Undefined W Reserved [Possible setting range] Fixed to 0. |