| データシートサーチシステム |
|
H8SX1663 データシート(PDF) 835 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 データシート(HTML) 835 Page - Renesas Technology Corp |
|
835 / 1158 page ![]() Section 16 USB Function Module (USB) Rev.1.00 Jun. 07, 2006 Page 783 of 1102 REJ09B0294-0100 Table 16.4 Relationship between TRNTREG0 Setting and Pin Output Pin Input Register Setting Pin Output VBUS PTSTE txenl txse0 txdata USD+ USD- 0 X X X X Hi-Z Hi-Z 1 0 X X X 1 1 0 0 0 0 1 1 1 0 0 1 1 0 1 1 0 1 x 0 0 1 1 1 X X Hi-Z Hi-Z [Legend] X: Don't care. : Cannot be controlled. Indicates state in normal operation according to the USB operation and port settings. |