| データシートサーチシステム |
|
H8SX1663 データシート(PDF) 838 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 データシート(HTML) 838 Page - Renesas Technology Corp |
|
838 / 1158 page ![]() Section 16 USB Function Module (USB) Rev.1.00 Jun. 07, 2006 Page 786 of 1102 REJ09B0294-0100 16.4 Interrupt Sources This module has five interrupt signals. Table 16.6 shows the interrupt sources and their corresponding interrupt request signals. The USBINTN interrupt signals are activated at low level. The USBINTN interrupt requests can only be detected at low level (specified as level sensitive). Table 16.6 Interrupt Sources Register Bit Transfer Mode Interrupt Source Description Interrupt Request Signal DTC Activation DMAC Activation IFR0 0 EP0i_TS* EP0i transfer complete USBINTN2 or USBINTN3 × × 1 Control transfer (EP0) EP0i_TR* EP0i transfer request USBINTN2 or USBINTN3 × × 2 EP0o_TS* EP0o receive complete USBINTN2 or USBINTN3 × × 3 SETUP_TS* Setup command receive complete USBINTN2 or USBINTN3 × × 4 Bulk_in transfer (EP2) EP2_EMPTY EP2 FIFO empty USBINTN2 or USBINTN3 × USBINTN1 5 EP2_TR EP2 transfer request USBINTN2 or USBINTN3 × × 6 Bulk_out transfer (EP1) EP1_FULL EP1 FIFO Full USBINTN2 or USBINTN3 × USBINTN0 7 Status BRST Bus reset USBINTN2 or USBINTN3 × × IFR1 0 Status VBUSF USB disconnection detection USBINTN2 or USBINTN3 × × 1 EP3_TS EP3 transfer complete USBINTN2 or USBINTN3 × × 2 Interrupt_in transfer (EP3) EP3_TR EP3 transfer request USBINTN2 or USBINTN3 × × 3 Status VBUSMN VBUS connection status — × × 4 5 — Reserved — — — — 6 7 |