| データシートサーチシステム |
|
H8/3024F データシート(PDF) 69 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3024F データシート(HTML) 69 Page - Renesas Technology Corp |
|
69 / 841 page ![]() Section 2 CPU Rev. 2.00 Sep 20, 2005 page 31 of 800 REJ09B0260-0200 2.6.3 Tables of Instructions Classified by Function Tables 2.3 to 2.10 summarize the instructions in each functional category. The operation notation used in these tables is defined next. Operation Notation Rd General register (destination)* Rs General register (source)* Rn General register* ERn General register (32-bit register or address register)* (EAd) Destination operand (EAs) Source operand CCR Condition code register N N (negative) flag of CCR Z Z (zero) flag of CCR V V (overflow) flag of CCR C C (carry) flag of CCR PC Program counter SP Stack pointer #IMM Immediate data disp Displacement + Addition – Subtraction × Multiplication ÷ Division ∧ AND logical ∨ OR logical ⊕ Exclusive OR logical → Move ¬ NOT (logical complement) :3/:8/:16/:24 3-, 8-, 16-, or 24-bit length Note: * General registers include 8-bit registers (R0H to R7H, R0L to R7L), 16-bit registers (R0 to R7, E0 to E7), and 32-bit data or address registers (ER0 to ER7). |