| データシートサーチシステム |
|
H8/3024F データシート(PDF) 25 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3024F データシート(HTML) 25 Page - Renesas Technology Corp |
|
25 / 841 page ![]() Rev. 2.00 Sep 20, 2005 page xxv of xxxviii Figure 6.15 Bus Control Signal Timing for 16-Bit, Two-State-Access Area (3) (Word Access) ..................................................................................................... 141 Figure 6.16 Example of Wait State Insertion Timing ............................................................. 142 Figure 6.17 Example of Idle Cycle Operation (ICIS1 = 1) ..................................................... 143 Figure 6.18 Example of Idle Cycle Operation (ICIS0 = 1) ..................................................... 144 Figure 6.19 Example of Idle Cycle Operation ........................................................................ 145 Figure 6.20 Example of External Bus Master Operation ........................................................ 148 Figure 6.21 ASTCR Write Timing.......................................................................................... 149 Figure 6.22 DDR Write Timing .............................................................................................. 149 Figure 6.23 BRCR Write Timing............................................................................................ 150 Section 7 I/O Ports Figure 7.1 Port 1 Pin Configuration...................................................................................... 155 Figure 7.2 Port 2 Pin Configuration...................................................................................... 158 Figure 7.3 Port 3 Pin Configuration...................................................................................... 162 Figure 7.4 Port 4 Pin Configuration...................................................................................... 164 Figure 7.5 Port 5 Pin Configuration...................................................................................... 167 Figure 7.6 Port 6 Pin Configuration...................................................................................... 171 Figure 7.7 Port 7 Pin Configuration...................................................................................... 175 Figure 7.8 Port 8 Pin Configuration...................................................................................... 177 Figure 7.9 Port 9 Pin Configuration...................................................................................... 182 Figure 7.10 Port A Pin Configuration ..................................................................................... 188 Figure 7.11 Port B Pin Configuration ..................................................................................... 200 Section 8 16-Bit Timer Figure 8.1 16-bit timer Block Diagram (Overall) ................................................................. 209 Figure 8.2 Block Diagram of Channels 0 and 1 .................................................................... 210 Figure 8.3 Block Diagram of Channel 2 ............................................................................... 211 Figure 8.4 16TCNT Access Operation [CPU → 16TCNT (Word)] ..................................... 235 Figure 8.5 Access to Timer Counter (CPU Reads 16TCNT, Word) ..................................... 235 Figure 8.6 Access to Timer Counter H (CPU Writes to 16TCNTH, Upper Byte)................ 236 Figure 8.7 Access to Timer Counter L (CPU Writes to 16TCNTL, Lower Byte) ................ 236 Figure 8.8 Access to Timer Counter H (CPU Reads 16TCNTH, Upper Byte)..................... 236 Figure 8.9 Access to Timer Counter L (CPU Reads 16TCNTL, Lower Byte) ..................... 237 Figure 8.10 16TCR Access (CPU Writes to 16TCR) ............................................................. 237 Figure 8.11 16TCR Access (CPU Reads 16TCR) .................................................................. 238 Figure 8.12 Counter Setup Procedure (Example) ................................................................... 239 Figure 8.13 Free-Running Counter Operation ........................................................................ 240 Figure 8.14 Periodic Counter Operation ................................................................................. 241 Figure 8.15 Count Timing for Internal Clock Sources............................................................ 241 Figure 8.16 Count Timing for External Clock Sources (when Both Edges are Detected) ...... 242 |