| データシートサーチシステム |
|
H8/3026F データシート(PDF) 71 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3026F データシート(HTML) 71 Page - Renesas Technology Corp |
|
71 / 841 page ![]() Section 2 CPU Rev. 2.00 Sep 20, 2005 page 33 of 800 REJ09B0260-0200 Table 2.4 Arithmetic Operation Instructions Instruction Size* Function ADD,SUB B/W/L Rd ± Rs → Rd, Rd ± #IMM → Rd Performs addition or subtraction on data in two general registers, or on immediate data and data in a general register. (Immediate byte data cannot be subtracted from data in a general register. Use the SUBX or ADD instruction.) ADDX, SUBX B Rd ± Rs ± C → Rd, Rd ± #IMM ± C → Rd Performs addition or subtraction with carry or borrow on data in two general registers, or on immediate data and data in a general register. INC, DEC B/W/L Rd ± 1 → Rd, Rd ± 2 → Rd Increments or decrements a general register by 1 or 2. (Byte operands can be incremented or decremented by 1 only.) ADDS, SUBS L Rd ± 1 → Rd, Rd ± 2 → Rd, Rd ± 4 → Rd Adds or subtracts the value 1, 2, or 4 to or from data in a 32-bit register. DAA, DAS B Rd decimal adjust → Rd Decimal-adjusts an addition or subtraction result in a general register by referring to CCR to produce 4-bit BCD data. MULXU B/W Rd × Rs → Rd Performs unsigned multiplication on data in two general registers: either 8 bits × 8 bits → 16 bits or 16 bits × 16 bits → 32 bits. MULXS B/W Rd × Rs → Rd Performs signed multiplication on data in two general registers: either 8 bits × 8 bits → 16 bits or 16 bits × 16 bits → 32 bits. |