| データシートサーチシステム |
|
H8/3026F データシート(PDF) 29 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3026F データシート(HTML) 29 Page - Renesas Technology Corp |
|
29 / 841 page ![]() Rev. 2.00 Sep 20, 2005 page xxix of xxxviii Figure 13.12 Retransmission in SCI Receive Mode ................................................................. 439 Figure 13.13 Retransmission in SCI Transmit Mode................................................................ 440 Section 14 A/D Converter Figure 14.1 A/D Converter Block Diagram ............................................................................ 442 Figure 14.2 A/D Data Register Access Operation (Reading H'AA40) ................................... 450 Figure 14.3 Example of A/D Converter Operation (Single Mode, Channel 1 Selected) ........ 452 Figure 14.4 Example of A/D Converter Operation (Scan Mode, Channels AN0 to AN2 Selected) .............................................................................................................. 454 Figure 14.5 A/D Conversion Timing ...................................................................................... 455 Figure 14.6 External Trigger Input Timing............................................................................. 456 Figure 14.7 Example of Analog Input Protection Circuit ....................................................... 458 Figure 14.8 Analog Input Pin Equivalent Circuit.................................................................... 458 Figure 14.9 A/D Converter Accuracy Definitions (1)............................................................. 460 Figure 14.10 A/D Converter Accuracy Definitions (2)............................................................. 460 Figure 14.11 Analog Input Circuit (Example) .......................................................................... 461 Section 15 D/A Converter Figure 15.1 D/A Converter Block Diagram ............................................................................ 464 Figure 15.2 Example of D/A Converter Operation ................................................................. 469 Section 16 RAM Figure 16.1 RAM Block Diagram........................................................................................... 472 Section 17 Flash Memory [H8/3026F-ZTAT Version] Figure 17.1 Block Diagram of Flash Memory ........................................................................ 477 Figure 17.2 Flash Memory Related State Transitions ............................................................. 488 Figure 17.3 Reading Overlap RAM Data in User Mode/User Program Mode ....................... 491 Figure 17.4 Writing Overlap RAM Data in User Program Mode ........................................... 492 Figure 17.5 System Configuration When Using Boot Mode .................................................. 494 Figure 17.6 Boot Mode Execution Procedure ......................................................................... 495 Figure 17.7 RAM Areas in Boot Mode................................................................................... 497 Figure 17.8 Example of User Program Mode Execution Procedure ....................................... 500 Figure 17.9 FLMCR1 Bit Settings and State Transitions ....................................................... 502 Figure 17.10 Program/Program-Verify Flowchart (128-Byte Programming)........................... 507 Figure 17.11 Erase/Erase-Verify Flowchart (Single-Block Erasing) ........................................ 510 Figure 17.12 Flash Memory State Transitions (When High Level is Applied to FWE Pin in Mode 5 or 7 (On-Chip ROM Enabled))........................................................... 514 Figure 17.13 Flowchart of Flash Memory Emulation in RAM................................................. 515 Figure 17.14 Example of RAM Overlap Operation .................................................................. 516 Figure 17.15 Memory Map in PROM Mode............................................................................. 519 |