| データシートサーチシステム |
|
M16C/1N データシート(PDF) 61 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/1N データシート(HTML) 61 Page - Renesas Technology Corp |
|
61 / 238 page ![]() Rev.1.00 Oct 20, 2004 page 49 of 222 M16C/1N Group 10. Interrupt REJ09B0007-0100Z Software interrupt number Interrupt source Vector table address (Note 1) Address (L) to address (H) Remarks Note 1: Address relative to address in interrupt table register (INTB). 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 to 63 +0 to +3 +4 to +7 +8 to +11 +12 to +15 +16 to +19 +20 to +23 +24 to +27 +28 to +31 +32 to +35 +36 to +39 +40 to +43 +44 to +47 +48 to +51 +52 to +55 +56 to +59 +60 to +63 +64 to +67 +68 to +71 +72 to +75 +76 to +79 +80 to +83 +84 to +87 +88 to +91 +92 to +95 +96 to +99 +100 to +103 +104 to +107 +108 to +111 +112 to +115 +116 to +119 +120 to +123 +124 to +127 +128 to +131 to +252 to +255 BRK instruction CAN0 wake up CAN0 error CAN0 successful reception CAN0 successful transmission Key input A/D UART0 transmission UART0 reception UART1 transmission UART1 reception Timer 1 Timer X Timer Y Timer Z CNTR0 TCIN Timer C INT3 INT0 INT1 INT2 software interrupt Cannot be masked by I flag Cannot be masked by I flag 10.1.4.2 Variable Vector Tables The addresses in the variable vector table can be modified, according to the user’s settings. Indi- cate the first address using the interrupt table register (INTB). The 256-byte area subsequent to the address the INTB indicates becomes the area for the variable vector tables. One vector table comprises four bytes. Set the first address of the interrupt routine in each vector table. Table 10.2 lists the interrupts assigned to the variable vector tables and addresses of vector tables. Table 10.2 Interrupt causes (variable interrupt vector addresses) |