| データシートサーチシステム |
|
M16C/1N データシート(PDF) 26 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/1N データシート(HTML) 26 Page - Renesas Technology Corp |
|
26 / 238 page ![]() Rev.1.00 Oct 20, 2004 page 14 of 222 M16C/1N Group 4. Special Function Registers (SFR) REJ09B0007-0100Z 010016 010116 010216 010316 010416 01B016 01B116 01B216 01B316 01B416 01B516 01B616 01B716 01B816 01B916 01BA16 01BB16 01BC16 01BD16 01BE16 01BF16 021516 021616 021716 021816 021916 021A16 021B16 021C16 021D16 021E16 021F16 022016 022116 022216 022316 022416 022516 022616 022716 022816 022916 022A16 022B16 022C16 022D16 022E16 022F16 023016 023116 023216 023316 023416 023516 023616 023716 023816 023916 023A16 023B16 023C16 023D16 023E16 023F16 FMR4 FMR1 FMR0 C0MCTL0 C0MCTL1 C0MCTL2 C0MCTL3 C0MCTL4 C0MCTL5 C0MCTL6 C0MCTL7 C0MCTL8 C0MCTL9 C0MCTL10 C0MCTL11 C0MCTL12 C0MCTL13 C0MCTL14 C0MCTL15 C0CTLR C0STR C0SSTR C0ICR C0IDR C0CONR C0RECR C0TECR 010000002 0000XX0X2 XX0000012 0016 0016 0016 0016 0016 0016 0016 0016 0016 0016 0016 0016 0016 0016 0016 0016 X00000012 XX0X00002 0016 X00000012 000016 000016 000016 000016 000016 000016 XX16 XX16 0016 0016 Address Register Symbol After reset Note 1: Location in the SFR area where nothing is allocated are reserved areas. Do not access these areas for read or write. Note 2: These registers are available on flash memory versions only. X : Undefined Flash memory control register 4 (Note 2) Flash memory control register 1 (Note 2) Flash memory control register 0 (Note 2) CAN0 message control register 0 CAN0 message control register 1 CAN0 message control register 2 CAN0 message control register 3 CAN0 message control register 4 CAN0 message control register 5 CAN0 message control register 6 CAN0 message control register 7 CAN0 message control register 8 CAN0 message control register 9 CAN0 message control register 10 CAN0 message control register 11 CAN0 message control register 12 CAN0 message control register 13 CAN0 message control register 14 CAN0 message control register 15 CAN0 control register CAN0 status register CAN0 slot status register CAN0 interrupt control register CAN0 extended ID register CAN0 configuration register CAN0 receive error count register CAN0 transmit error count register |