| データシートサーチシステム |
|
M16C/1N データシート(PDF) 212 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/1N データシート(HTML) 212 Page - Renesas Technology Corp |
|
212 / 238 page ![]() Rev.1.00 Oct 20, 2004 page 200 of 222 M16C/1N Group 19. Flash Memory Version REJ09B0007-0100Z Figure 19.15 Example for processing pins when using standard serial I/O mode 2 Monitor output Data output Data input (P17)BUSY (P16)SCLK (P14)TXD CNVss CE(P31) Microcomputer SEL(P30) CRx CTx CAN transceiver CAN H CAN H CAN L CAN L (P15)RxD (1) In this example, modes are switched between single-chip mode and standard serial I/O mode by controlling the CNVss input with a switch. (2) Make sure a main clock input oscillation frequency is set to 10 or 16MHz. Reset input RESET User reset signal |