| データシートサーチシステム |
|
M16C/1N データシート(PDF) 220 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/1N データシート(HTML) 220 Page - Renesas Technology Corp |
|
220 / 238 page ![]() Rev.1.00 Oct 20, 2004 page 208 of 222 M16C/1N Group REJ090007-0100Z 20. Precautionary Notes in Using the Device When an instruction to rewrite the interrupt control register is executed while the interrupt is dis- abled, depending on the instruction used for rewriting, there are times the interrupt request bit is not set even if an interrupt request for that register has been generated. If this creates a problem, please use any of the instructions below to rewrite the register. Instructions : AND, OR, BCLR, BSET 20.2.5 Changing the interrupt request bit When attempting to clear the interrupt request bit of an interrupt control register, the interrupt request bit is not cleared sometimes. This will depend on the instruction. If this creates problems, use the below instructions to change the register. Instructions : MOV |