| データシートサーチシステム |
|
M16C/1N データシート(PDF) 225 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/1N データシート(HTML) 225 Page - Renesas Technology Corp |
|
225 / 238 page ![]() Rev.1.00 Oct 20, 2004 page 213 of 222 M16C/1N Group REJ090007-0100Z 20. Precautionary Notes in Using the Device 6. When changing AD operation mode, select an analog pin again. 7. One Shot Mode Read the AD register only after confirming AD conversion is completed, which can be determined by using the AD conversion interrupt. 8. Repeat Mode Use the undivided main clock as the internal CPU clock when using this mode. The main clock can be divided by an internal divider circuit but make sure that you use main clock when using this mode. 9. If A/D conversion is forcibly terminated while in progress by setting the ADST bit of ADCON0 register to "0" (A/D conversion halted), the conversion result of the A/D converter is indeterminate. If the ADST bit is cleared to "0" in a program, ignore the value of A/D register. |