| データシートサーチシステム |
|
SH7018 データシート(PDF) 53 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7018 データシート(HTML) 53 Page - Renesas Technology Corp |
|
53 / 431 page ![]() 37 Table 2.17 System Control Instructions (cont) Instruction Instruction Code Operation Exec. Cycles T Bit STS.L MACH,@–Rn 0100nnnn00000010 Rn–4 → Rn, MACH → (Rn) 1 — STS.L MACL,@–Rn 0100nnnn00010010 Rn–4 → Rn, MACL → (Rn) 1 — STS.L PR,@–Rn 0100nnnn00100010 Rn–4 → Rn, PR → (Rn) 1 — TRAPA #imm 11000011iiiiiiii PC/SR → stack area, (imm) → PC 8 — Note: * The number of execution cycles before the chip enters sleep mode: The execution cycles shown in the table are minimums. The actual number of cycles may be increased when (1) contention occurs between instruction fetches and data access, or (2) when the destination register of the load instruction (memory → register) and the register used by the next instruction are the same. |