| データシートサーチシステム |
|
SH7018 データシート(PDF) 18 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7018 データシート(HTML) 18 Page - Renesas Technology Corp |
|
18 / 431 page ![]() 2 Table 1.1 Features Item Specification CPU • Original Hitachi architecture • Internal 32-bit configuration • General register machine General registers: 32-bit × 16 Control registers: 32-bit × 3 System registers: 32-bit × 4 • RISC (reduced instruction set computer) instruction set Instruction length: 16-bit fixed for efficient coding Load-store architecture (basic operations executed between registers) Extended branching instructions to minimize pipeline disturbance when branching Instruction set based on C language • Instruction execution time of one cycle per instruction (50 ns per instruction when operating at 20 MHz) • Maximum address space of 4 GB supported by architecture • On-chip multiplier The on-chip multiplier handles 32 × 32 → 64 multiplication operations in two to four cycles and 32 × 32 + 64 → 64 multiplication/accumulation operations in two to four cycles. • Pipeline 5-stage pipeline Interrupt controller (INTC) • Seven external interrupt pins (NMI, IRQ0 to IRQ3, IRQ6, IRQ7) • 16-level priority setting supported Bus state controller (BSC) • Bus access to external memory and external devices supported 8-bit fixed external data bus • Address space divided into four areas (SRAM space × 4 areas) Wait cycles may be specified (0 to 3 cycles) separately for each area. • Chip select signals corresponding to memory areas are output. • Wait cycles may be inserted using external WAIT signal. |