| データシートサーチシステム |
|
SH7021 データシート(PDF) 45 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7021 データシート(HTML) 45 Page - Renesas Technology Corp |
|
45 / 509 page ![]() 24 RENESAS Table 2.8 Addressing Modes and Effective Addresses (cont) Addressing Mode Mnemonic Expression Effective Addresses Calculation Equation PC relative addressing with dis- placement @(disp:8, PC) The effective address is the PC value plus an 8-bit displacement (disp). disp is zero-extended, and remains the same for a byte operation, is doubled for a word operation, and is quadrupled for a long word operation. For a long word operation, the lowest two bits of the PC are masked. PC H'FFFFFFFC PC + disp × 2 or PC & H'FFFFFFFC + disp × 4 + 2/4 × & * disp (zero-extended) *: For long word Word: PC + disp × 2 Long word: PC & H'FFFFFFFC + disp × 4 PC relative addressing disp:8 The effective address is the PC value sign-extended with an 8-bit displacement (disp), doubled, and added to the PC. PC 2 + × disp (zero-extended) PC + disp × 2 PC + disp × 2 disp:12 The effective address is the PC value sign-extended with a 12-bit displacement (disp), doubled, and added to the PC. PC 2 + × disp (zero-extended) PC + disp × 2 PC + disp × 2 |