| データシートサーチシステム |
|
SH7021 データシート(PDF) 78 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7021 データシート(HTML) 78 Page - Renesas Technology Corp |
|
78 / 509 page ![]() 58 RENESAS 4.7 Stack Status after Exception Processing Table 4.10 shows the stack after exception processing. Table 4.10 Stack after Exception Processing Type Stack Status Type Stack Status Address error Upper 16 bits Lower 16 bits Upper 16 bits Lower 16 bits SR Address of instruction after instruc- tion that has finished executing SP Interrupt Upper 16 bits Lower 16 bits Upper 16 bits Lower 16 bits SR Address of instruction after instruc- tion that has finished executing SP Trap instruc- tion Upper 16 bits Lower 16 bits Upper 16 bits Lower 16 bits SR Address of instruction after TRAPA instruction SP Illegal slot instruc- tion Upper 16 bits Lower 16 bits Upper 16 bits Lower 16 bits SR Branch destination address of delayed branch instuction SP General illegal instruc- tion Upper 16 bits Lower 16 bits Upper 16 bits Lower 16 bits SR Start add- ress of illegal instruction SP Note: Stack status is based on a bus width of 16 bits. |