| データシートサーチシステム |
|
SH7058 データシート(PDF) 86 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7058 データシート(HTML) 86 Page - Renesas Technology Corp |
|
86 / 1130 page ![]() Rev. 3.0, 09/04, page 45 of 1086 Table 2.10 Classification of Instructions (cont) Classification Types Operation Code Function No. of Instructions AND Logical AND NOT Bit inversion OR Logical OR TAS Memory test and bit set TST Logical AND and T bit set Logic operations 6 XOR Exclusive OR 14 ROTL One-bit left rotation ROTR One-bit right rotation ROTCL One-bit left rotation with T bit ROTCR One-bit right rotation with T bit SHAL One-bit arithmetic left shift SHAR One-bit arithmetic right shift SHLL One-bit logical left shift SHLLn n-bit logical left shift SHLR One-bit logical right shift Shift 10 SHLRn n-bit logical right shift 14 BF Conditional branch, conditional branch with delay (Branch when T = 0) BT Conditional branch, conditional branch with delay (Branch when T = 1) BRA Unconditional branch BRAF Unconditional branch BSR Branch to subroutine procedure BSRF Branch to subroutine procedure JMP Unconditional branch JSR Branch to subroutine procedure Branch 9 RTS Return from subroutine procedure 11 |