データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SH7058 データシート(PDF) 21 Page - Renesas Technology Corp

部品番号 SH7058
部品情報  Renesas SuperHTM RISC engine
PDF  1130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7058 データシート(HTML) 21 Page - Renesas Technology Corp

Back Button SH7058 Datasheet HTML 17Page - Renesas Technology Corp SH7058 Datasheet HTML 18Page - Renesas Technology Corp SH7058 Datasheet HTML 19Page - Renesas Technology Corp SH7058 Datasheet HTML 20Page - Renesas Technology Corp SH7058 Datasheet HTML 21Page - Renesas Technology Corp SH7058 Datasheet HTML 22Page - Renesas Technology Corp SH7058 Datasheet HTML 23Page - Renesas Technology Corp SH7058 Datasheet HTML 24Page - Renesas Technology Corp SH7058 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 1130 page
background image
Rev. 3.0, 09/04, page xviii of xxxviii
Item
Page
Revisions (See Manual for Details)
23.5.2 User Program Mode
(2.3) VBR is cleared to 0 and 1 is written
to the SCO bit of FCCS, and then
download is executed.
872
Description amended
If an access by the DMAC or AUD occurs during
download, operation cannot be guaranteed.
Therefore, access by the DMAC or AUD must not be
executed.
24.1 Overview
941
Description amended
On-chip RAM data can always be accessed in one
cycle for a read and two states for a write, making the
RAM ideal for use as a program area, stack area, or
data area, which require high-speed access.
25.1.3 Related Registers
Table 25.3 Related Registers
945
Note amended
1. Register access with an internal clock multiplication
ratio of 4 requires four internal clock (
φ) cycles for
SBYCR, and four or five internal clock (
φ) cycles for
SYSCR1 and SYSCR2.
27.2 DC Characteristics
Table 27.2 Correspondence between
Power Supply Names and Pins
959-
968
Description amended
Pin No. (FP-256H)
27.5 Flash Memory Characteristics
Table 27.20 Flash Memory
Characteristics
1001
Table amended
Item
Symbol
Min
Typ
Max
Unit
Programming time*1*2*4
tP
−
3
200
ms/128 bytes
Erase time*1*3*5
tE
−
2
20
s/block
Reprogramming count
NWEC
100
−−
Times
4. The total reprogramming time (programming time +
erasing time) is as follows.
40 s (typ.), reference value: 60 s, 80 s (max.)
However, 90% of the values are within the reference
value.
5. t
P, tE distributes focusing on near the typ. value.
A.1 Address
Table A.1 Address
1065
Table amended
Abbrevi-
ation
Register
Name
H'FFFFF70A SYCSR2*1
Bit 3
Bit 2
−
−
−−
−
Bit 1
Bit 0
Bit 7
Bit Names
Appendix B Pin States
Table B.1 Pin States
1080
Table amended
Type
Pin Name
AUD
Module
Standby
UBC
UBCTRG
O
Appendix C Product Lineup
Table C.1 SH7058 F-ZTAT Product
Lineup
1083
Table amended
Product Type
SH7058
Model Name
HD64F7058BF80L
HD64F7058BF80K
HD64F7058BP80L
HD64F7058BP80K
Package
256-pin (FP-256H)
256-pin (FP-256H)
272-pin (BP-272)
272-pin (BP-272)
Operating
Temperature
(Except for W/E of
Flash Memory)
-40˚C to 105
°C
-40˚C to 125
°C
-40˚C to 105
°C
-40˚C to 125
°C
Mark Model
Name
64F7058F80
64F7058F80
64F7058BP80
64F7058BP80
F-ZTAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com