| データシートサーチシステム |
|
R8C13 データシート(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C13 データシート(HTML) 21 Page - Renesas Technology Corp |
|
21 / 224 page ![]() Rev.1.20 Jan 27, 2006 page 10 of 205 REJ09B0111-0120 R8C/13 Group 4. Special Function Register (SFR) Watchdog timer start registerWDTSXX16 Watchdog timer control registerWDC000111112 Processor mode register 0 PM0 0016 System clock control register 0CM0011010002 System clock control register 1CM1001000002 Address match interrupt enable registerAIERXXXXXX002 Protect registerPRCR00XXX0002 Processor mode register 1 PM1 0016 2. Software reset or the watchdog timer reset does not affect this register. 3. Owing to Reset input. 4. In the case of RESET pin = H retaining. Oscillation stop detection registerOCD000001002 INT0 input filter select register INT0F XXXXX0002 000016 000116 000216 000316 000416 000516 000616 000716 000816 000916 000A16 000B16 000C16 000D16 000E16 000F16 001016 001116 001216 001316 001416 001516 001616 001716 001816 001916 001A16 001B16 001C16 001D16 001E16 001F16 002016 002116 002216 002316 002416 002516 002616 002716 002816 002916 002A16 002B16 002C16 002D16 002E16 002F16 003016 003116 003216 003316 003416 003516 003616 003716 003816 003916 003A16 003B16 003C16 003D16 003E16 003F16 Address RegisterSymbol After reset Address match interrupt register 0RMAD00016 0016 X016 Address match interrupt register 1RMAD10016 0016 X016 Watchdog timer reset registerWDTRXX16 High-speed on-chip oscillator control register 0HR00016 High-speed on-chip oscillator control register 1HR14016 Voltage detection register 1 VCR1 000010002 Voltage detection register 2VCR20016 100000002 Voltage detection interrupt registerD4INT0016 X : Undefined NOTES: 1. Blank spaces are reserved. No access is allowed. (1) (2) (2) (2) 010000012 (3) (4) (3) (4) 4. Special Function Register (SFR) SFR(Special Function Register) is the control register of peripheral functions. Tables 4.1 to 4.4 list the SFR information Table 4.1 SFR Information(1)(1) |