| データシートサーチシステム |
|
R8C13 データシート(PDF) 32 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C13 データシート(HTML) 32 Page - Renesas Technology Corp |
|
32 / 224 page ![]() Rev.1.20 Jan 27, 2006 page 21 of 205 REJ09B0111-0120 R8C/13 Group 5.4 Voltage Detection Circuit The voltage detection circuit monitors the input voltage at the VCC pin with respect to Vdet. The user program can check for voltage detection using the VC13 bit or set up the voltage detection interrupt register to generate a hardware reset 2 or voltage detection interrupt. Figure 5.7 shows the voltage detection circuit. Figure 5.8 shows VCR1 and VCR2 registers. Figure 5.9 shows the D4INT register. Figure 5.10 shows an operation example of the voltage detection circuit. Fig- ure 5.11 to 5.12 show the operation example of the voltage detection circuit to get out of stop mode. Figure 5.7 Voltage Detection Circuit Block b3 VCR1 register VC13 bit VC27 VCC Internal reference voltage + - Noise canceller Voltage detection interrupt signal 5.4 Voltage Detection Circuit |