| データシートサーチシステム |
|
M30624FGLFP データシート(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30624FGLFP データシート(HTML) 39 Page - Renesas Technology Corp |
|
39 / 621 page ![]() Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Memory Space Expansion Functions 24 An example of connecting the MCU with external memories in expansion mode 1 (An example of using M30622MC in microprocessor mode) SFR area Internal RAM area External area Internal area reserved 0000016 0040016 017FF16 FFFFF16 D000016 0800016 CS2 (128K bytes) 2800016 3000016 0400016 CS0 SRAM (128K bytes) Flash ROM (1M byte) Usable for programs only Usable both for programs and for data (1008K bytes) Usable for data only 17 8 D0 to D7 A0 to A16 A17 A19 RD WR CS1 CS2 CS3 CS0 A18 DQ0 to DQ7 AD0 to AD16 AD17 AD18 AD19 OE CS DQ0 to DQ7 AD0 to AD16 S2 W OE S1 A connection example Figure 1.8.3 shows a connection example of the MCU with the external memories in expansion mode 1. _______ _______ In this example, CS0 is connected with a 1-M byte flash ROM and CS2 is connected with a 128-K byte SRAM. Figure 1.8.3. External memory connect example in expansion mode 1 |