データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M30624FGLFP データシート(PDF) 97 Page - Renesas Technology Corp

部品番号 M30624FGLFP
部品情報  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30624FGLFP データシート(HTML) 97 Page - Renesas Technology Corp

Back Button M30624FGLFP Datasheet HTML 93Page - Renesas Technology Corp M30624FGLFP Datasheet HTML 94Page - Renesas Technology Corp M30624FGLFP Datasheet HTML 95Page - Renesas Technology Corp M30624FGLFP Datasheet HTML 96Page - Renesas Technology Corp M30624FGLFP Datasheet HTML 97Page - Renesas Technology Corp M30624FGLFP Datasheet HTML 98Page - Renesas Technology Corp M30624FGLFP Datasheet HTML 99Page - Renesas Technology Corp M30624FGLFP Datasheet HTML 100Page - Renesas Technology Corp M30624FGLFP Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
DMAC
82
(3) The priorities of channels and DMA transfer timing
If a DMA transfer request signal falls on a single sampling cycle (a sampling cycle means one period from
the leading edge to the trailing edge of BCLK), the DMA request bits of applicable channels concurrently
turn to "1". If the channels are active at that moment, DMA0 is given a high priority to start data transfer.
When DMA0 finishes data transfer, it gives the bus right to the CPU. When the CPU finishes single bus
access, then DMA1 starts data transfer and gives the bus right to the CPU.
An example in which DMA transfer is carried out in minimum cycles at the time when DMA transfer
request signals due to external factors concurrently occur.
Figure 1.16.6 An example of DMA transfer effected by external factors.
BCLK
DMA0
DMA1
DMA0
request bit
DMA1
request bit
CPU
INT0
INT1
Obtainm
ent of the
bus right
An example in which DMA transmission is carried out in minimum
cycles at the time when DMA transmission request signals due to
external factors concurrently occur.
Figure 1.16.6. An example of DMA transfer effected by external factors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More