| データシートサーチシステム |
|
SH7713 データシート(PDF) 98 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7713 データシート(HTML) 98 Page - Renesas Technology Corp |
|
98 / 904 page ![]() Section 2 CPU Rev.1.50 Aug. 30, 2006 Page 58 of 860 REJ09B0288-0150 Table 2.7 Arithmetic Operation Instructions Instruction Instruction Code Operation Privileged Mode Cycles T Bit ADD Rm,Rn 0011nnnnmmmm1100 Rn+Rm →Rn 1 – ADD #imm,Rn 0111nnnniiiiiiii Rn+imm →Rn 1 – ADDC Rm,Rn 0011nnnnmmmm1110 Rn+Rm+T →Rn, Carry→T 1 Carry ADDV Rm,Rn 0011nnnnmmmm1111 Rn+Rm →Rn, Overflow→T 1 Overflow CMP/EQ #imm,R0 10001000iiiiiiii If R0 = imm, 1 → T 1 Compariso n result CMP/EQ Rm,Rn 0011nnnnmmmm0000 If Rn = Rm, 1 → T 1 Compariso n result CMP/HS Rm,Rn 0011nnnnmmmm0010 If Rn ≥ Rm with unsigned data, 1 → T 1 Compariso n result CMP/GE Rm,Rn 0011nnnnmmmm0011 If Rn ≥ Rm with signed data, 1 → T 1 Compariso n result CMP/HI Rm,Rn 0011nnnnmmmm0110 If Rn > Rm with unsigned data, 1 → T 1 Compariso n result CMP/GT Rm,Rn 0011nnnnmmmm0111 If Rn > Rm with signed data, 1 → T 1 Compariso n result CMP/PL Rn 0100nnnn00010101 If Rn ≥ 0, 1 → T 1 Compariso n result CMP/PZ Rn 0100nnnn00010001 If Rn > 0, 1 → T 1 Compariso n result CMP/STR Rm,Rn 0010nnnnmmmm1100 If Rn and Rm have an equivalent byte, 1 → T 1 Compariso n result DIV1 Rm,Rn 0011nnnnmmmm0100 Single-step division (Rn/Rm) 1 Calculation result DIV0S Rm,Rn 0010nnnnmmmm0111 MSB of Rn → Q, MSB of Rm → M, M ^ Q → T 1 Calculation result DIV0U 0000000000011001 0 → M/Q/T 1 0 DMULS.L Rm,Rn 0011nnnnmmmm1101 Signed operation of Rn × Rm → MACH, MACL 32 × 32 → 64 bits 2 (to 5)* – DMULU.L Rm,Rn 0011nnnnmmmm0101 Unsigned operation of Rn × Rm → MACH, MACL 32 × 32 → 64 bits 2 (to 5)* – |