| データシートサーチシステム |
|
7220 データシート(PDF) 64 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7220 データシート(HTML) 64 Page - Renesas Technology Corp |
|
64 / 303 page ![]() 2-37 7220 Group User’s Manual FUNCTIONAL DESCRIPTION 2.6 Timers Contents Timer 1 (TM1) Timer 2 (TM2) Timer 3 (TM3) Timer 4 (TM4) Timer 12 mode register (T12M) Timer 34 mode register (T34M) Table 2.6.1 Memory map of timer-related registers Addresses 00F016 00F116 00F216 00F316 00F416 00F516 b7 b6 b5 b4 b3 b2 b1 b0 Timer 34 mode register (T34M) [Address 00F516] B After reset RW Timer 34 Mode Register 0 1 2 3 6,7 0 Name Functions Timer 3 count source selection bit (T34M0) 0: f(XIN)/16 1: External clock Timer 4 internal count source selection bit (T34M1) 0: Timer 3 overflow 1: f(XIN)/16 Timer 3 count stop bit (T34M2) 0: Count start 1: Count stop Timer 4 count stop bit (T34M3) 0: Count start 1: Count stop Nothing is assigned. These bits are write disable bits. When these bits are read out, the values are “0.” 0 0 0 0 4 Timer 4 count source selection bit (T34M4) 0: Internal clock 1: f(XIN)/2 0 5 Timer 3 external count source selection bit (T34M5) 0: External clock from P2 3/TIM3 pin 1: External clock from H SYNC pin 0 RW RW RW RW RW RW R— Fig. 2.6.4 Timer 34 mode register (address 00F516) |