| データシートサーチシステム |
|
H8/3003 データシート(PDF) 334 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 データシート(HTML) 334 Page - Renesas Technology Corp |
|
334 / 715 page ![]() Bit 2—Overflow Interrupt Enable (OVIE): Enables or disables the interrupt requested by the overflow flag (OVF) in TSR when OVF is set to 1. Bit 2 OVIE Description 0 OVI interrupt requested by OVF is disabled (Initial value) 1 OVI interrupt requested by OVF is enabled Bit 1—Input Capture/Compare Match Interrupt Enable B (IMIEB): Enables or disables the interrupt requested by the IMFB flag in TSR when IMFB is set to 1. Bit 1 IMIEB Description 0 IMIB interrupt requested by IMFB is disabled (Initial value) 1 IMIB interrupt requested by IMFB is enabled Bit 0—Input Capture/Compare Match Interrupt Enable A (IMIEA): Enables or disables the interrupt requested by the IMFA flag in TSR when IMFA is set to 1. Bit 0 IMIEA Description 0 IMIA interrupt requested by IMFA is disabled (Initial value) 1 IMIA interrupt requested by IMFA is enabled 316 |