| データシートサーチシステム |
|
H8/3003 データシート(PDF) 93 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 データシート(HTML) 93 Page - Renesas Technology Corp |
|
93 / 715 page ![]() 5.1.3 Pin Configuration Table 5-1 lists the interrupt pins. Table 5-1 Interrupt Pins Name Abbreviation I/O Function Nonmaskable interrupt NMI Input Nonmaskable interrupt, rising edge or falling edge selectable External interrupt request 7 to 0 IRQ7 to IRQ0 Input Maskable interrupts, falling edge or level sensing selectable 5.1.4 Register Configuration Table 5-2 lists the registers of the interrupt controller. Table 5-2 Interrupt Controller Registers Address*1 Name Abbreviation R/W Initial Value H'FFF2 System control register SYSCR R/W H'0B H'FFF4 IRQ sense control register ISCR R/W H'00 H'FFF5 IRQ enable register IER R/W H'00 H'FFF6 IRQ status register ISR R/(W)*2 H'00 H'FFF8 Interrupt priority register A IPRA R/W H'00 H'FFF9 Interrupt priority register B IPRB R/W H'00 Notes: 1. Lower 16 bits of the address. 2. Only 0 can be written, to clear flags. 75 |