| データシートサーチシステム |
|
H8/3003 データシート(PDF) 84 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 データシート(HTML) 84 Page - Renesas Technology Corp |
|
84 / 715 page ![]() 4.1.3 Exception Vector Table The exception sources are classified as shown in figure 4-1. Different vectors are assigned to different exception sources. Table 4-2 lists the exception sources and their vector addresses. Figure 4-1 Exception Sources Table 4-2 Exception Vector Table Exception Source Vector Number Vector Address*1 Reset 0 H'0000 to H'0003 Reserved for system use 1 H'0004 to H'0007 2 H'0008 to H'000B 3 H'000C to H'000F 4 H'0010 to H'0013 5 H'0014 to H'0017 6 H'0018 to H'001B External interrupt (NMI) 7 H'001C to H'001F Trap instruction (4 sources) 8 H'0020 to H'0023 9 H'0024 to H'0027 10 H'0028 to H'002B 11 H'002C to H'002F External interrupt IRQ0 12 H'0030 to H'0033 External interrupt IRQ1 13 H'0034 to H'0037 External interrupt IRQ2 14 H'0038 to H'003B External interrupt IRQ3 15 H'003C to H'003F External interrupt IRQ4 16 H'0040 to H'0043 External interrupt IRQ5 17 H'0044 to H'0047 External interrupt IRQ6 18 H'0048 to H'004B External interrupt IRQ7 19 H'004C to H'004F Internal interrupts*2 20 H'0050 to H'0053 to to 60 H'00F0 to H'00F3 Notes: 1. Lower 16 bits of the address. 2. For the internal interrupt vectors, see section 5.3.3, Interrupt Vector Table. Exception sources • Reset • Interrupts • Trap instruction External interrupts: Internal interrupts: NMI, IRQ to IRQ 34 interrupts from on-chip supporting modules 0 7 66 |