| データシートサーチシステム |
|
H8/3003 データシート(PDF) 356 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 データシート(HTML) 356 Page - Renesas Technology Corp |
|
356 / 715 page ![]() 10.4.5 Reset-Synchronized PWM Mode In reset-synchronized PWM mode channels 3 and 4 are combined to produce three pairs of complementary PWM waveforms, all having one waveform transition point in common. When reset-synchronized PWM mode is selected TIOCA3, TIOCB3, TIOCA4, TOCXA4, TIOCB4, and TOCXB4 automatically become PWM output pins, and TCNT3 functions as an up- counter. Table 10-5 lists the PWM output pins. Table 10-6 summarizes the register settings. Table 10-5 Output Pins in Reset-Synchronized PWM Mode Channel Output Pin Description 3 TIOCA3 PWM output 1 TIOCB3 PWM output 1´ (complementary waveform to PWM output 1) 4 TIOCA4 PWM output 2 TOCXA4 PWM output 2´ (complementary waveform to PWM output 2) TIOCB4 PWM output 3 TOCXB4 PWM output 3´ (complementary waveform to PWM output 3) Table 10-6 Register Settings in Reset-Synchronized PWM Mode Register Setting TCNT3 Initially set to H'0000 TCNT4 Not used (operates independently) GRA3 Specifies the count period of TCNT3 GRB3 Specifies a transition point of PWM waveforms output from TIOCA3 and TIOCB3 GRA4 Specifies a transition point of PWM waveforms output from TIOCA4 and TOCXA4 GRB4 Specifies a transition point of PWM waveforms output from TIOCB4 and TOCXB4 338 |