| データシートサーチシステム |
|
H8/3003 データシート(PDF) 364 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 データシート(HTML) 364 Page - Renesas Technology Corp |
|
364 / 715 page ![]() In complementary PWM mode, TCNT3 and TCNT4 overshoot and undershoot at the transitions between up-counting and down-counting. The setting conditions for the IMFA bit in channel 3 and the OVF bit in channel 4 differ from the usual conditions. In buffered operation the buffer transfer conditions also differ. Timing diagrams are shown in figures 10-37 and 10-38. Figure 10-37 Overshoot Timing TCNT3 GRA3 IMFA Buffer transfer signal (BR to GR) GR N – 1 N N + 1 N N – 1 N Set to 1 Flag not set No buffer transfer Buffer transfer 346 |