| データシートサーチシステム |
|
H8/3003 データシート(PDF) 438 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 データシート(HTML) 438 Page - Renesas Technology Corp |
|
438 / 715 page ![]() 12.3.4 Timing of Setting of Watchdog Timer Reset Bit (WRST) The WRST bit in RSTCSR is valid when bits WT/ IT and TME are both set to 1 in TCSR. Figure 12-7 shows the timing of setting of WRST and the internal reset timing. The WRST bit is set to 1 when TCNT overflows and OVF is set to 1. At the same time an internal reset signal is generated for the entire H8/3003 chip. This internal reset signal clears OVF to 0, but the WRST bit remains set to 1. The reset routine must therefore clear the WRST bit. Figure 12-7 Timing of Setting of WRST Bit and Internal Reset ø TCNT Overflow signal OVF WRST H'FF H'00 WDT internal reset 420 |