| データシートサーチシステム |
|
H8/3003 データシート(PDF) 471 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 データシート(HTML) 471 Page - Renesas Technology Corp |
|
471 / 715 page ![]() Communication Formats: Table 13-10 shows the 12 communication formats that can be selected in asynchronous mode. The format is selected by settings in SMR. Table 13-10 Serial Communication Formats (Asynchronous Mode) 123456789 10 11 12 8-bit data STOP 8-bit data 8-bit data 8-bit data 7-bit data 7-bit data 7-bit data 7-bit data 8 bit data 8 bit data 7-bit data 7-bit data S S S S S S S S S S S S STOP STOP P STOP P STOP STOP STOP STOP STOP STOP STOP STOP P P MPB STOP STOP STOP MPB MPB MPB STOP STOP Legend S: STOP: P: MPB: Start bit Stop bit Parity bit Multiprocessor bit CHR PE MP STOP SMR Settings 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 — — — — 0 0 0 0 0 0 0 0 1 1 1 1 0 1 0 1 0 1 0 1 0 1 0 1 Serial Communication Format and Frame Length STOP 453 |