| データシートサーチシステム |
|
H8/3003 データシート(PDF) 508 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 データシート(HTML) 508 Page - Renesas Technology Corp |
|
508 / 715 page ![]() Bit 4—Scan Mode (SCAN): Selects single mode or scan mode. For further information on operation in these modes, see section 14.4, Operation. Clear the ADST bit to 0 before switching the conversion mode. Bit 4 SCAN Description 0 Single mode (Initial value) 1 Scan mode Bit 3—Clock Select (CKS): Selects the A/D conversion time. Clear the ADST bit to 0 before switching the conversion time. Bit 3 CKS Description 0 Conversion time = 266 states (maximum) (Initial value) 1 Conversion time = 134 states (maximum) Bits 2 to 0—Channel Select 2 to 0 (CH2 to CH0): These bits and the SCAN bit select the analog input channels. Clear the ADST bit to 0 before changing the channel selection. Group Selection Channel Selection Description CH2 CH1 CH0 Single Mode Scan Mode 000 AN0 (Initial value) AN0 1AN1 AN0, AN1 10 AN2 AN0 to AN2 1AN3 AN0 to AN3 100 AN4 AN4 1AN5 AN4, AN5 10 AN6 AN4 to AN6 1AN7 AN4 to AN7 490 |