| データシートサーチシステム |
|
H8/3003 データシート(PDF) 517 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 データシート(HTML) 517 Page - Renesas Technology Corp |
|
517 / 715 page ![]() 14.5 Interrupts The A/D converter generates an interrupt (ADI) at the end of A/D conversion. The ADI interrupt request can be enabled or disabled by the ADIE bit in ADCSR. 14.6 Usage Notes When using the A/D converter, note the following points: Analog Input Voltage Range: During A/D conversion, the voltages input to the analog input pins ANn should be in the range AVSS ≤ ANn ≤ VREF. (n = 0 to 7) AVCC and AVSS Input Voltages: AVSS should have the following values: AVSS = VSS. If the A/D converter is not used, the values should be AVCC = VCC and AVSS = VSS. VREF Input Range: The analog reference voltage input at the VREF pin should be in the range VREF ≤ AVCC. If the A/D converter is not used, the value should be VREF = VCC. 499 |