| データシートサーチシステム |
|
H8/3003 データシート(PDF) 575 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 データシート(HTML) 575 Page - Renesas Technology Corp |
|
575 / 715 page ![]() Table A-1 Instruction Set (cont) Condition Code Mnemonic Operation I H N Z V C PUSH.W Rn W SP–2 → SP 2 — — ¤¤ 0— 6 Rn16 → @SP PUSH.L ERn L SP–4 → SP 4 — — ¤¤ 0— 10 ERn32 → @SP MOVFPE @aa:16, B Cannot be used in the 4 Cannot be used in the H8/3003 Rd H8/3003 MOVTPE Rs, B Cannot be used in the 4 Cannot be used in the H8/3003 @aa:16 H8/3003 2. Arithmetic instructions Condition Code Mnemonic Operation I H N Z V C ADD.B #xx:8, Rd B Rd8+#xx:8 → Rd8 2 — ¤¤¤¤¤ 2 ADD.B Rs, Rd B Rd8+Rs8 → Rd8 2 — ¤¤¤¤¤ 2 ADD.W #xx:16, Rd W Rd16+#xx:16 → Rd16 4 — 1 ¤¤¤¤ 4 ADD.W Rs, Rd W Rd16+Rs16 → Rd16 2 — 1 ¤¤¤¤ 2 ADD.L #xx:32, ERd L ERd32+#xx:32 → 6— 2 ¤¤¤¤ 6 ERd32 ADD.L ERs, ERd L ERd32+ERs32 → 2— 2 ¤¤¤¤ 2 ERd32 ADDX.B #xx:8, Rd B Rd8+#xx:8 +C → Rd8 2 — ¤¤ 3 ¤¤ 2 ADDX.B Rs, Rd B Rd8+Rs8 +C → Rd8 2 — ¤¤ 3 ¤¤ 2 ADDS.L #1, ERd L ERd32+1 → ERd32 2 —————— 2 ADDS.L #2, ERd L ERd32+2 → ERd32 2 —————— 2 ADDS.L #4, ERd L ERd32+4 → ERd32 2 —————— 2 INC.B Rd B Rd8+1 → Rd8 2 — — ¤¤¤ —2 INC.W #1, Rd W Rd16+1 → Rd16 2 — — ¤¤¤ —2 INC.W #2, Rd W Rd16+2 → Rd16 2 — — ¤¤¤ —2 Addressing Mode and Instruction Length (bytes) No. of States *1 Addressing Mode and Instruction Length (bytes) No. of States *1 557 |