| データシートサーチシステム |
|
H8/3003 データシート(PDF) 654 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 データシート(HTML) 654 Page - Renesas Technology Corp |
|
654 / 715 page ![]() NDERB—Next Data Enable Register B H'A2 TPC NDERA—Next Data Enable Register A H'A3 TPC Bit Initial value Read/Write 7 NDER15 0 R/W 6 NDER14 0 R/W 5 NDER13 0 R/W 4 NDER12 0 R/W 3 NDER11 0 R/W 0 NDER8 0 R/W 2 NDER10 0 R/W 1 NDER9 0 R/W Next data enable 15 to 8 TPC outputs TP to TP are disabled (NDR15 to NDR8 are not transferred to PB to PB ) TPC outputs TP to TP are enabled (NDR15 to NDR8 are transferred to PB to PB ) Bits 7 to 0 0 1 Description NDER15 to NDER8 15 15 8 8 7 7 0 0 Bit Initial value Read/Write 7 NDER7 0 R/W 6 NDER6 0 R/W 5 NDER5 0 R/W 4 NDER4 0 R/W 3 NDER3 0 R/W 0 NDER0 0 R/W 2 NDER2 0 R/W 1 NDER1 0 R/W Next data enable 7 to 0 TPC outputs TP to TP are disabled (NDR7 to NDR0 are not transferred to PA to PA ) TPC outputs TP to TP are enabled (NDR7 to NDR0 are transferred to PA to PA ) Bits 7 to 0 0 1 Description NDER7 to NDER0 7 7 0 0 7 7 0 0 636 |