| データシートサーチシステム |
|
H8/3003 データシート(PDF) 675 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 データシート(HTML) 675 Page - Renesas Technology Corp |
|
675 / 715 page ![]() P5PCR—Port 5 Input Pull-Up Control Register H'DB Port 5 ADDRA H/L—A/D Data Register A H/L H'E0, H'E1 A/D Bit Initial value Read/Write 7 P5 PCR 0 R/W 7 6 P5 PCR 0 R/W 6 5 P5 PCR 0 R/W 5 4 P5 PCR 0 R/W 4 3 P5 PCR 0 R/W 3 2 P5 PCR 0 R/W 2 1 P5 PCR 0 R/W 1 0 P5 PCR 0 R/W 0 Port 5 input pull-up control 7 to 4 0 Input pull-up transistor is off 1 Input pull-up transistor is on Note: Valid when the corresponding P5DDR bit is cleared to 0 (designating generic input). Bit Initial value Read/Write 14 AD8 0 R 12 AD6 0 R 10 AD4 0 R 8 AD2 0 R 6 AD0 0 R 0 — 0 R 4 — 0 R 2 — 0 R 15 AD9 0 R 13 AD7 0 R 11 AD5 0 R 9 AD3 0 R 7 AD1 0 R 1 — 0 R 5 — 0 R 3 — 0 R A/D conversion data 10-bit data giving an A/D conversion result Reserved bits ADDRAH ADDRAL 657 |