| データシートサーチシステム |
|
H8/3003 データシート(PDF) 128 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 データシート(HTML) 128 Page - Renesas Technology Corp |
|
128 / 715 page ![]() Chip select signals (CS0 to CS7) can be output for each area. The bus specifications for each area can be selected in ABWCR, ASTCR, WCER, and WCR as shown in table 6-3. Table 6-3 Bus Specifications ABWCR ASTCR WCER WCR Bus Specifications Bus Access ABWn ASTn WCEn WMS1 WMS0 Width States Wait Mode 0 0 ———16 2 Disabled 1 0 — — 16 3 Pin wait mode 0 10016 3 Programmable wait mode 1 16 3 Disabled 1 0 16 3 Pin wait mode 1 1 16 3 Pin auto-wait mode 1 0 — — — 8 2 Disabled 1 0 — — 8 3 Pin wait mode 0 10083 Programmable wait mode 1 8 3 Disabled 1083 Pin wait mode 1 1 8 3 Pin auto-wait mode Note: n = 0 to 7 110 |