| データシートサーチシステム |
|
H8/3003 データシート(PDF) 139 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 データシート(HTML) 139 Page - Renesas Technology Corp |
|
139 / 715 page ![]() 6.3.5 Wait Modes Four wait modes can be selected for each area as shown in table 6-5. Table 6-5 Wait Mode Selection ASTCR WCER WCR ASTn Bit WCEn Bit WMS1 Bit WMS0 Bit WSC Control Wait Mode 0 — — — Disabled No wait states 1 0 — — Disabled Pin wait mode 0 1 0 0 Enabled Programmable wait mode 1 Enabled No wait states 1 0 Enabled Pin wait mode 1 1 Enabled Pin auto-wait mode Note: n = 7 to 0 The ASTn and WCEn bits can be set independently for each area. Bits WMS1 and WMS0 apply to all areas. All areas for which WSC control is enabled operate in the same wait mode. 121 |