| データシートサーチシステム |
|
H8/3003 データシート(PDF) 235 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 データシート(HTML) 235 Page - Renesas Technology Corp |
|
235 / 715 page ![]() Figure 8-14 Bus Timing of DMA Transfer Requested by Low DREQ Input Figure 8-15 shows an auto-requested burst-mode transfer. This example shows a transfer of three words from a 16-bit two-state access area to another 16-bit two-state access area. ø A to A DREQ 23 0 RD HWR TEND T1 T2 T3 Td T1 T2 T1 T2 T1 T2 Td T1 T2 T1 T2 T1 T2 LWR , CPU cycle DMAC cycle CPU cycle DMAC cycle (last transfer cycle) CPU cycle Source address Destination address Source address Destination address 217 |