| データシートサーチシステム |
|
H8/3003 データシート(PDF) 284 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 データシート(HTML) 284 Page - Renesas Technology Corp |
|
284 / 715 page ![]() Table 9-14 Port A Pin Functions (cont) Pin Pin Functions and Selection Method PA2/TP2/TIOCA0/ ITU channel 0 settings (bit PWM0 in TMDR and bits IOA2 to IOA0 in TIOR0), TCLKC bits TPSC2 to TPSC0 in TCR4 to TCR0, bit NDER2 in NDERA, and bit PA2DDR in PADDR select the pin function as follows ITU channel 0 settings 1 in table below 2 in table below PA2DDR — 0 1 1 NDER2 — — 0 1 Pin function TIOCA0 output PA2 PA2 TP2 input output output TIOCA0 input*1 and TCLKC input*2 Notes: 1. TIOCA0 input when IOA2 = 1. 2. TCLKC input when TPSC2 = TPSC1 = 1 and TPSC0 = 0 in any of TCR4 to TCR0. ITU channel 0 settings 2121 PWM0 0 1 IOA2 0 1 — IOA1 0 0 1 — — IOA0 0 1 — — — 266 |