| データシートサーチシステム |
|
H8/3003 データシート(PDF) 291 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 データシート(HTML) 291 Page - Renesas Technology Corp |
|
291 / 715 page ![]() Table 9-16 Port B Pin Functions (cont) Pin Pin Functions and Selection Method PB2/TP10/TIOCA4 ITU channel 4 settings (bit CMD1 in TFCR, bit EA4 in TOER, bit PWM4 in TMDR, and bits IOA2 to IOA0 in TIOR4), bit NDER10 in NDERB, and bit PB2DDR in PBDDR select the pin function as follows ITU channel 4 settings 1 in table below 2 in table below PB2DDR — 0 1 1 NDER10 — — 0 1 Pin function TIOCA4 output PB2 PB2 TP10 input output output TIOCA4 input* Note: * TIOCA4 input when CMD1 = PWM4 = 0 and IOA2 = 1. ITU channel 4 settings 22 1 2 1 EA4 0 1 CMD1 — 0 1 PWM4 — 0 1 — IOA2 — 0001 — — IOA1 — 0 0 1 — — — IOA0 — 0 1 — — — — 273 |