| データシートサーチシステム |
|
H8/3028F データシート(PDF) 643 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F データシート(HTML) 643 Page - Renesas Technology Corp |
|
643 / 923 page ![]() Rev. 2.00, 09/03, page 613 of 890 H'00000 H'01000 H'02000 H'03000 H'04000 H'05000 H'06000 H'07000 H'08000 H'5FFFF Flash memory EB8 to EB13 This area can be accessed from both the RAM area and flash memory area EB0 EB1 EB2 EB3 EB4 EB5 EB6 EB7 H'FFE000 H'FFEFFF H'FFFF1F On-chip RAM Figure 18.14 Example of RAM Overlap Operation Example of Flash Memory Block Area EB0 Overlapping 1. Set bits RAMS and RAM2 to RAM0 in RAMCR to 1,0, 0, 0, to overlap part of RAM onto the area (EB0) for which realtime programming is required. 2. Realtime programming is performed using the overlapping RAM. 3. After the program data has been confirmed, the RAMS bit is cleared, releasing RAM overlap. 4. The data written in the overlapping RAM is written into the flash memory space (EB0). Notes: 1. When the RAMS bit is set to 1, program/erase protection is enabled for all blocks regardless of the value of RAM2 to RAM0 (emulation protection). In this state, setting the P or E bit in FLMCR1 will not cause a transition to program mode or erase mode. When actually programming or erasing a flash memory area, the RAMS bit should be cleared to 0. 2. A RAM area cannot be erased by execution of software in accordance with the erase algorithm while flash memory emulation in RAM is being used. 3. Block area EB0 contains the vector table. When performing RAM emulation, the vector table is needed in the overlap RAM. |