データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

H8/3028F データシート(PDF) 644 Page - Renesas Technology Corp

部品番号 H8/3028F
部品情報  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F データシート(HTML) 644 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 640Page - Renesas Technology Corp H8/3028F Datasheet HTML 641Page - Renesas Technology Corp H8/3028F Datasheet HTML 642Page - Renesas Technology Corp H8/3028F Datasheet HTML 643Page - Renesas Technology Corp H8/3028F Datasheet HTML 644Page - Renesas Technology Corp H8/3028F Datasheet HTML 645Page - Renesas Technology Corp H8/3028F Datasheet HTML 646Page - Renesas Technology Corp H8/3028F Datasheet HTML 647Page - Renesas Technology Corp H8/3028F Datasheet HTML 648Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 644 / 923 page
background image
Rev. 2.00, 09/03, page 614 of 890
4. As in on-board programming mode, care is required when applying and releasing FWE
to prevent erroneous programming or erasing. To prevent erroneous programming and
erasing due to program runaway during FWE application, in particular, the watchdog
timer should be set when the PSU, P, ESU, or E bit is set to 1 in FLMCR1, even while
the emulation function is being used.
5. When the emulation function is used, NMI input is prohibited when the P bit or E bit is
set to 1 in FLMCR1, in the same way as with normal programming and erasing.
The P and E bits are cleared by a reset (including a watchdog timer reset), in standby
mode, when a high level is not being input to the FWE pin, or when the SWE bit in
FLMCR1 is 0 while a high level is being input to the FWE pin.
18.9
NMI Input Disabling Conditions
All interrupts, including NMI input, should be disabled while flash memory is being programmed
or erased (while the P bit or E bit is set in FLMCR1), and while the boot program is executing in
boot mode*1, to give priority to the program or erase operation. There are three reasons for this:
1. NMI input during programming or erasing might cause a violation of the programming or
erasing algorithm, with the result that normal operation could not be assured.
2. In the NMI exception handling sequence during programming or erasing, the vector would not
be read correctly*2, possibly resulting in MCU runaway.
3. If NMI input occurred during boot program execution, it would not be possible to execute the
normal boot mode sequence.
For these reasons, in on-board programming mode alone there are conditions for disabling NMI
input, as an exception to the general rule. However, this provision does not guarantee normal
erasing and programming or MCU operation. All interrupt requests (exception handling and bus
release), including NMI, must therefore be restricted inside and outside the MCU during FWE
application. NMI input is also disabled in the error protection state and while the P or E bit
remains set in FLMCR1 during flash memory emulation in RAM.
Notes: 1. This is the interval until a branch is made to the boot program area in the on-chip RAM
(This branch takes place immediately after transfer of the user program is completed).
Consequently, after the branch to the RAM area, NMI input is enabled except during
programming and erasing. Interrupt requests must therefore be disabled inside and
outside the MCU until the user program has completed initial programming (including
the vector table and the NMI interrupt handling routine).
2. The vector may not be read correctly in this case for the following two reasons:
• If flash memory is read while being programmed or erased (while the P bit or E bit
is set in FLMCR1), correct read data will not be obtained (undetermined values will
be returned).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More