| データシートサーチシステム |
|
H8/3028F データシート(PDF) 645 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F データシート(HTML) 645 Page - Renesas Technology Corp |
|
645 / 923 page ![]() Rev. 2.00, 09/03, page 615 of 890 • If the entry in the interrupt vector table has not been programmed yet, interrupt exception handling will not be executed correctly. 18.10 Flash Memory PROM Mode The H8/3028F-ZTAT has a PROM mode as well as the on-board programming modes for programming and erasing flash memory. In PROM mode, the on-chip ROM can be freely programmed using a general-purpose PROM writer that supports the Renesas Technology microcomputer device type with 256-kbyte on-chip flash memory. 18.10.1 Socket Adapters and Memory Map In PROM mode using a PROM writer, memory reading (verification) and writing and flash memory initialization (total erasure) can be performed. For these operations, a special socket adapter is mounted in the PROM writer. The socket adapter product codes are given in table 18.10. In the H8/3028F-ZTAT PROM mode, only the socket adapters shown in this table should be used. Table 18.10 H8/3028F-ZTAT Socket Adapter Product Codes Product Code Package Socket Adapter Product Code Manufacturer HD64F3028F 100-pin QFP (FP-100B) ME3024ESHF1H HD64F3028TE 100-pin TQFP (TFP-100B) ME3024ESNF1H MINATO ELECTRONICS INC. HD64F3028F 100-pin QFP (FP-100B) HF302BQ100D4001 DATA I/O JAPAN CO. HD64F3028TE 100-pin TQFP (TFP-100B) HF302BT100D4001 Figure 18.15 shows the memory map in PROM mode. H8/3028F-ZTAT H'000000 H'05FFFF H'00000 H'5FFFF MCU mode PROM mode On-chip ROM Figure 18.15 Memory Map in PROM Mode |