| データシートサーチシステム |
|
H8/3028F データシート(PDF) 661 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F データシート(HTML) 661 Page - Renesas Technology Corp |
|
661 / 923 page ![]() Rev. 2.00, 09/03, page 631 of 890 19.5.1 Register Configuration Table 19.4 summarizes the frequency division register. Table 19.4 Frequency Division Register Address* Name Abbreviation R/W Initial Value H'EE01B Division control register DIVCR R/W H'FC Note: * Lower 20 bits of the address in advanced mode. 19.5.2 Division Control Register (DIVCR) DIVCR is an 8-bit readable/writable register that selects the division ratio of the frequency divider. Bit Initial value Read/Write 7 — 1 — 6 — 1 — 5 — 1 — 4 — 1 — 3 — 1 — 0 DIV0 0 R/W 2 — 1 — 1 DIV1 0 R/W Reserved bits Divide bits 1 and 0 These bits select the frequency division ratio DIVCR is initialized to H'FC by a reset and in hardware standby mode. It is not initialized in software standby mode. Bits 7 to 2—Reserved: These bits cannot be modified and are always read as 1. Bits 1 and 0—Divide (DIV1, DIV0): These bits select the frequency division ratio, as follows. Bit 1 DIV1 Bit 0 DIV0 Frequency Division Ratio 0 0 1/1 (Initial value) 01 1/2 10 1/4 11 1/8 |