データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

H8/3028F データシート(PDF) 908 Page - Renesas Technology Corp

部品番号 H8/3028F
部品情報  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F データシート(HTML) 908 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 904Page - Renesas Technology Corp H8/3028F Datasheet HTML 905Page - Renesas Technology Corp H8/3028F Datasheet HTML 906Page - Renesas Technology Corp H8/3028F Datasheet HTML 907Page - Renesas Technology Corp H8/3028F Datasheet HTML 908Page - Renesas Technology Corp H8/3028F Datasheet HTML 909Page - Renesas Technology Corp H8/3028F Datasheet HTML 910Page - Renesas Technology Corp H8/3028F Datasheet HTML 911Page - Renesas Technology Corp H8/3028F Datasheet HTML 912Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 908 / 923 page
background image
Rev. 2.00, 09/03, page 878 of 890
Modes 3 and 4: Figure D.2 is a timing diagram for the case in which
RES goes low during an
external memory access in mode 3 or 4. As soon as
RES goes low, all ports are initialized to the
input state.
AS, RD, HWR, LWR, and CS
0 go high, and D15 to D0 go to the high-impedance state.
The address bus is initialized to the low output level 2.5
φ clock cycles after the low level of RES
is sampled. However, when PA4 to PA6 are used as address bus pins, or when P83 to P81 and PB0
to PB3 are used as CS output pins, they go to the high-impedance state at the same time as RES
goes low. Clock pin P67/φ goes to the output state at the next rise of φ after RES goes low.
T1
T2
T3
Access to external
memory
H'000000
High impedance
High impedance
AS, RD
(read)
D15 to D0
(write)
HWR, LWR
(write)
Internal reset
signal
RES
P67/φ
I/O port,
PA4/A23 to PA6/A21,
CS7 to CS1
CS0
A20 to A0
Figure D.2 Reset during Memory Access (Modes 3 and 4)
Mode 5: Figure D.3 is a timing diagram for the case in which
RES goes low during an external
memory access in mode 5. As soon as
RES goes low, all ports are initialized to the input state. AS,
RD, HWR, and LWR go high, and the address bus and D
15 to D0 go to the high-impedance state.
Clock pin P67/φ goes to the output state at the next rise of φ after RES goes low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More