| データシートサーチシステム |
|
H8/3028F データシート(PDF) 912 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F データシート(HTML) 912 Page - Renesas Technology Corp |
|
912 / 923 page ![]() Rev. 2.00, 09/03, page 882 of 890 Appendix G Package Dimensions Figures G.1 show the FP-100B package dimensions of the H8/3028 Group. Figure G.2 shows the TFP-100B package dimensions. Package Code JEDEC JEITA Mass (reference value) FP-100B — Conforms 1.2 g *Dimension including the plating thickness Base material dimension 0.10 16.0 ± 0.3 1.0 0.5 ± 0.2 75 51 50 26 1 25 76 100 14 0 ° − 8° 0.08 M *0.22 ± 0.05 1.0 0.20 ± 0.04 Unit: mm Figure G.1 Package Dimensions (FP-100B) |