| データシートサーチシステム |
|
H8/3028F データシート(PDF) 909 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F データシート(HTML) 909 Page - Renesas Technology Corp |
|
909 / 923 page ![]() Rev. 2.00, 09/03, page 879 of 890 T1 T2 T3 Access to external memory High impedance High impedance High impedance AS, RD (read) D15 to D0 (write) HWR, LWR (write) Internal reset signal RES P67/φ I/O port, CS7 to CS1 A23 to A0 Figure D.3 Reset during Memory Access (Mode 5) Modes 6 and 7: Figure D.4 is a timing diagram for the case in which RES goes low during an operation in mode 6 or 7. As soon as RES goes low, all ports are initialized to the input state. Clock pin P67/φ goes to the output state at the next rise of φ after RES goes low. Internal reset signal RES P67/φ I/O port High impedance Figure D.4 Reset during Operation (Modes 6 and 7) |