| データシートサーチシステム |
|
7906 データシート(PDF) 56 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7906 データシート(HTML) 56 Page - Renesas Technology Corp |
|
56 / 531 page ![]() RESET 7906 Group User’s Manual Rev.2.0 3-13 RW RW 0 0 b7 b0 b7 b0 WO 0 00 Comparator function select register 0 Comparator result register 0 0 00 00 0 0 0 (Note 19) (Note 19) (Note 20) (Note 20) (Note 20) RW RW RW RW RW WO WO WO WO WO WO RW 0 0 0 0 00 00 0 0 0 RW RW RW RW RW RW RW RW Address Register name Access characteristics State immediately after reset Up-down register 1 Timer A5 register Timer A6 register Timer A7 register Timer A8 register Timer A9 register Timer A01 register Timer A11 register Timer A21 register Timer A5 mode register Timer A6 mode register Timer A7 mode register Timer A8 mode register Timer A9 mode register Notes 19 : The access characteristics at addresses CE16 and CF16 vary according to the timer A’s operating mode. (Refer to “CHAPTER 7. TIMER A.”) 20 : Do not write. ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 0016 0016 0016 0016 0016 C016 C116 C216 C316 C416 C516 C616 C716 C816 C916 CA16 CB16 CC16 CD16 CE16 D016 D116 D216 D316 D416 D516 D616 D716 D816 D916 DA16 DB16 DC16 DD16 DE16 DF16 CF16 3.3 State of internal area Fig. 3.3.8 State of SFR and internal RAM areas immediately after reset (7) |