| データシートサーチシステム |
|
4513 データシート(PDF) 192 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4513 データシート(HTML) 192 Page - Renesas Technology Corp |
|
192 / 210 page ![]() 4513/4514 Group User’s Manual APPENDIX 3-25 3.4 Notes on noise (3) Wiring for clock input/output pins • Make the length of wiring which is connected to clock I/O pins as short as possible. • Make the length of wiring across the grounding lead of a capacitor which is connected to an oscillator and the VSS pin of a microcomputer as short as possible. • Separate the VSS pattern only for oscillation from other VSS patterns. Fig. 3.4.3 Wiring for clock I/O pins q Reason If noise enters clock I/O pins, clock waveforms may be deformed. This may cause a program failure or program runaway. Also, if a potential difference is caused by the noise between the VSS level of a microcomputer and the VSS level of an oscillator, the correct clock will not be input in the microcomputer. Fig. 3.4.4 Wiring for CNVSS pin Noise XIN XOUT VSS XIN XOUT VSS N.G. O.K. Noise CNVSS VSS CNVSS VSS N.G. O.K. (4) Wiring to CNVSS pin Connect the CNVSS pin to the VSS pin with the shortest possible wiring. q Reason The operation mode of a microcomputer is influenced by a potential at the CNVSS pin. If a potential difference is caused by the noise between pins CNVSS and VSS, the operation mode may become unstable. This may cause a microcomputer malfunction or a program runaway. |